Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S14 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST1S14
Description  Power good open collector output
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S14 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST1S14 Datasheet HTML 35Page - STMicroelectronics ST1S14 Datasheet HTML 36Page - STMicroelectronics ST1S14 Datasheet HTML 37Page - STMicroelectronics ST1S14 Datasheet HTML 38Page - STMicroelectronics ST1S14 Datasheet HTML 39Page - STMicroelectronics ST1S14 Datasheet HTML 40Page - STMicroelectronics ST1S14 Datasheet HTML 41Page - STMicroelectronics ST1S14 Datasheet HTML 42Page - STMicroelectronics ST1S14 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
DocID17977 Rev 2
39/46
ST1S14
Typical characteristics
Figure 34. Shutdown current vs. temperature
Figure 35. Duty cycle max vs. temperature
Figure 36. Efficiency vs. IOUT (VIN 12 V)
Figure 37. TJ vs. IOUT (VIN 12 V)
Figure 38. Efficiency vs. IOUT (VIN 24 V)
Figure 39. TJ vs. IOUT (VIN 24 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com