Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S14 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST1S14
Description  Power good open collector output
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S14 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST1S14 Datasheet HTML 27Page - STMicroelectronics ST1S14 Datasheet HTML 28Page - STMicroelectronics ST1S14 Datasheet HTML 29Page - STMicroelectronics ST1S14 Datasheet HTML 30Page - STMicroelectronics ST1S14 Datasheet HTML 31Page - STMicroelectronics ST1S14 Datasheet HTML 32Page - STMicroelectronics ST1S14 Datasheet HTML 33Page - STMicroelectronics ST1S14 Datasheet HTML 34Page - STMicroelectronics ST1S14 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
DocID17977 Rev 2
31/46
ST1S14
Application information
prevented for 16 ms and then a new soft-start phase takes place (see Figure 17).
7.4.2
VFB < 300 mV
The device reduces the switching frequency by five times the nominal value when VFB<300
mV. The frequency foldback makes the pulse-by-pulse current protection effective to keep
the current limited when the output voltage is shorted and VOUT negligible.
Equation 29 and 30 in overcurrent conditions can be simplified to:
Equation 38
considering TON which has already been reduced to its minimum.
Equation 39
taking into consideration the frequency foldback feature.
Figure 18. Current and frequency foldback triggered when VFB<300 mV (red trace)
The content given in Section 7.4.1 is valid and the equivalent expression of Equation 37 is:
I
L TON
Δ
V
IN
DCR
L
R
DSON
+
() I
L
------------------------------------------------------------------- T
ON MIN
()
V
IN
L
--------- 90ns
()
=
I
L TOFF
Δ
V
D
V
O_MIN
DCR
L
I
++
()
L
------------------------------------------------------------------------
T
SW
5
-----------
90ns
⎝⎠
⎛⎞
V
D
V
FB
V
O_SET
1.22
-------------------
DCR
L
I
++
⎝⎠
⎛⎞
L
-------------------------------------------------------------------------------------------- 5.9
μs
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com