Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S14 Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST1S14
Description  Power good open collector output
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S14 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST1S14 Datasheet HTML 28Page - STMicroelectronics ST1S14 Datasheet HTML 29Page - STMicroelectronics ST1S14 Datasheet HTML 30Page - STMicroelectronics ST1S14 Datasheet HTML 31Page - STMicroelectronics ST1S14 Datasheet HTML 32Page - STMicroelectronics ST1S14 Datasheet HTML 33Page - STMicroelectronics ST1S14 Datasheet HTML 34Page - STMicroelectronics ST1S14 Datasheet HTML 35Page - STMicroelectronics ST1S14 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
Application information
ST1S14
32/46
DocID17977 Rev 2
Equation 40
The Figure 19 plots the Equation 40 considering the foldback current limitation threshold
(1.45A) given in Table 6: Electrical characteristics which is active out of the soft start time.
Equation 40 expresses the worst case scenario as it considers the minimum K gain of the
voltage divider over the entire input voltage range (see Figure 14).
In most of the application conditions the pulse by pulse current limitation with frequency
foldback is effective to limit the inductor current in short circuit condition. The current
foldback helps to decrease the power component stress in persistent short circuit condition
out of the sift start time.
The hiccup protection offers an additional protection against heavy short circuit condition at
very high input voltage even considering the spread of the minimum conduction time of the
power element. In case the hiccup current level (6.2 A typical) is triggered the switching
activity is prevented for 15 ms and then a new soft start phase takes place.
Figure 19. Minimum VFB for effective pulse-by-pulse protection over VIN
Figure 20 shows the effectiveness of the constant current protection limiting the inductor
current to the peak current of 1.45 A typ. during a short circuit event.
V
FB VIN
()
1.22
5
-----------
1.22
T
SW
⋅
V
IN
T
ON_MIN
⋅
--------------------------------------
V
D
I
L
DCR
⋅
()
+
()
⋅
⎝⎠
⎛⎞
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com