Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S14 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST1S14
Description  Power good open collector output
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S14 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST1S14 Datasheet HTML 32Page - STMicroelectronics ST1S14 Datasheet HTML 33Page - STMicroelectronics ST1S14 Datasheet HTML 34Page - STMicroelectronics ST1S14 Datasheet HTML 35Page - STMicroelectronics ST1S14 Datasheet HTML 36Page - STMicroelectronics ST1S14 Datasheet HTML 37Page - STMicroelectronics ST1S14 Datasheet HTML 38Page - STMicroelectronics ST1S14 Datasheet HTML 39Page - STMicroelectronics ST1S14 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
Application information
ST1S14
36/46
DocID17977 Rev 2
Figure 26. PCB layout (component side)
C7
150 pF 50 V
(size 0603)
C8
EKZE500ESS101MHB5D
100
μF 50 V
(size 8 x 11.5 mm)
Nippon Chemicon
C1, C9, C10, C11
Not Mounted
R1
4.7 K
Ω
(size 0603)
R2
2.7 K
Ω
(size 0603)
R3
47 K
Ω
(size 0603)
D1
STPS3L60U
3 A 60 V
(size SMB)
ST
L1
744314850
8.5
μH
ISAT=4.5 A, IRMS=4 A
(size 7 x 6.9 x 4.8 mm)
Wurth
Table 11. Component list (continued)
Reference
Part number
Description
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com