Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S14 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST1S14
Description  Power good open collector output
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S14 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST1S14 Datasheet HTML 36Page - STMicroelectronics ST1S14 Datasheet HTML 37Page - STMicroelectronics ST1S14 Datasheet HTML 38Page - STMicroelectronics ST1S14 Datasheet HTML 39Page - STMicroelectronics ST1S14 Datasheet HTML 40Page - STMicroelectronics ST1S14 Datasheet HTML 41Page - STMicroelectronics ST1S14 Datasheet HTML 42Page - STMicroelectronics ST1S14 Datasheet HTML 43Page - STMicroelectronics ST1S14 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
Typical characteristics
ST1S14
40/46
DocID17977 Rev 2
Figure 40. Efficiency vs. IOUT (VIN 32 V)
Figure 41. TJ vs. IOUT (VIN 32 V)
Figure 42. 1 A to 3 A load transient (VIN 12 V)
Figure 43. Zoom - 1 A to 3 A load transient (VIN
12 V)
Figure 44. Zoom - 1 A to 3 A rising edge load
transient (VIN 12 V)
Figure 45. 1 A to 3 A falling edge load transient
(VIN 24 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com