Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S15 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST1S15
Description  Short-circuit and thermal protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S15 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST1S15 Datasheet HTML 3Page - STMicroelectronics ST1S15 Datasheet HTML 4Page - STMicroelectronics ST1S15 Datasheet HTML 5Page - STMicroelectronics ST1S15 Datasheet HTML 6Page - STMicroelectronics ST1S15 Datasheet HTML 7Page - STMicroelectronics ST1S15 Datasheet HTML 8Page - STMicroelectronics ST1S15 Datasheet HTML 9Page - STMicroelectronics ST1S15 Datasheet HTML 10Page - STMicroelectronics ST1S15 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
ST1S15
Maximum ratings
DocID023280 Rev 4
7/27
3
Maximum ratings
Table 4: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
Power and signal supply voltage
- 0.3 to + 6.0
V
EN, MODE
Logic input pins
- 0.3 to + 6.0
V
FB, SW
Feedback and switching pins
-0.3 to VIN + 0.3
V
TAMB
Operating ambient temperature
- 40 to 85
°C
TJ
Junction temperature
- 40 to 150
°C
Absolute maximum ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied.
Table 5: Thermal data
Symbol
Parameter
Flip Chip
Unit
RthJA
Thermal resistance junction-ambient
130
°C/W
Table 6: ESD performance
Symbol
Parameter
Flip Chip
Unit
ESD
Human body model
±2000
V
Machine model
±100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com