Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S15 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST1S15
Description  Short-circuit and thermal protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S15 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST1S15 Datasheet HTML 13Page - STMicroelectronics ST1S15 Datasheet HTML 14Page - STMicroelectronics ST1S15 Datasheet HTML 15Page - STMicroelectronics ST1S15 Datasheet HTML 16Page - STMicroelectronics ST1S15 Datasheet HTML 17Page - STMicroelectronics ST1S15 Datasheet HTML 18Page - STMicroelectronics ST1S15 Datasheet HTML 19Page - STMicroelectronics ST1S15 Datasheet HTML 20Page - STMicroelectronics ST1S15 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
ST1S15
Application information
DocID023280 Rev 4
17/27
8
Application information
8.1
Input and output capacitors
Ceramic capacitors with X5R or X7R dielectric and low ESR should be used. The input
capacitor filters any disturbance present in the input line so to obtain a stable operation.
The output capacitor satisfies the output voltage ripple requirement. The output voltage
ripple (VOUT_RIPPLE), in continuous mode, is calculated as follows:
Equation 1
where ΔI
L is the ripple current and fSW is the switching frequency. The use of ceramic
capacitors with voltage ratings higher than 1.5 times the maximum input or output voltage
is recommended.
8.2
Inductor
The inductor is the key passive component for switching converters. The internal
compensation is optimized to operate with an output filter of L=0.47 µH and COUT=4.7 µF.
In addition to the inductance value, in order to avoid saturation, the maximum saturation
current of the inductor must be higher than IPEAK.
The peak current of the inductor has to be calculated as follows:
Equation 2
The following inductor part numbers from different suppliers have been tested in the
ST1S15 converters.
Table 8: Inductors
Manufacturer
Part numbers
Dimension (mm)
Murata
LQM21PNR47MC0D
2.0 x 1.25 x 0.5
LQM21PNR54MG0D
2.0 x 1.25 x 0.5
LQH32PNR47NN0L
3.2 x 2.7 x 1.55
TDK
MLP2012SR47T
2.0 x 1.25 x 0.5
VLS2010ET-1R0N
2.0 x 2.0 x 1.0
VOUT_RIPPLE
IL ESR
1
8 COUT fSW
----------------------------------------
+
VIN ESL
L
---------------------------
+
=
I
PEAK = IOUT
VOUT VIN_MAX VOUT
–
2 VIN_MAX fSW L
---------------------------------------------------------------------
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com