Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S15 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST1S15
Description  Short-circuit and thermal protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S15 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST1S15 Datasheet HTML 5Page - STMicroelectronics ST1S15 Datasheet HTML 6Page - STMicroelectronics ST1S15 Datasheet HTML 7Page - STMicroelectronics ST1S15 Datasheet HTML 8Page - STMicroelectronics ST1S15 Datasheet HTML 9Page - STMicroelectronics ST1S15 Datasheet HTML 10Page - STMicroelectronics ST1S15 Datasheet HTML 11Page - STMicroelectronics ST1S15 Datasheet HTML 12Page - STMicroelectronics ST1S15 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
ST1S15
Electrical characteristics
DocID023280 Rev 4
9/27
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN_TR
Line transient response.
Output voltage variation over
the nominal DC level
tR = tF = 10 µs
case 1: VIN = 2.5 to 3.1 V
case 2: VIN = 3.9 to 4.5 V
IOUT = 50 mA,
VOUT = 1.82 V
±50
mV
IOUT = 250 mA,
VOUT = 1.82 V
IOUT_TR
Load transient response
tR= tF= 0.1 µs
case 1: VIN = 2.5 V
case 2: VIN = 3.6 V
case 3: VIN = 4.5 V
IOUT = 0 to 150 mA,
VOUT = 1.82 V
±50
mV
IOUT = 50 to 250 mA,
VOUT = 1.82 V
±70
IOUT = 150 to 400 mA,
VOUT = 1.82 V
±70
Logic inputs
VIL
Low-level input voltage
(EN, MODE pins)
0.4
V
VIH
High-level input voltage
(EN, MODE pins)
1.2
V
ILK-I
Input leakage current
(EN, MODE pins)
VEN = VMODE = 5.5 V
0.01
1
µA
Power switches
RDS(on)
P-channel MOSFET
on-resistance
300
400
N-channel MOSFET
on-resistance
350
450
ILPEAK
P-channel peak current limit
Over the input voltage
range
900
1000
1200
mA
ILKG-P
P-channel leakage current
VIN = 5.5 V, VEN= 0
1
µA
ILKG-N
N-channel leakage current
VSW = 5.5 V, VEN= 0
1
µA
Notes:
(1)
Not tested in production. This value is guaranteed by correlation with RDS(on), peak current limit and operating input voltage.
(2)
Not tested in production. This parameter is guaranteed by peak current limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com