Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S15 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST1S15
Description  Short-circuit and thermal protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S15 Datasheet(HTML) 4 Page - STMicroelectronics

  ST1S15 Datasheet HTML 1Page - STMicroelectronics ST1S15 Datasheet HTML 2Page - STMicroelectronics ST1S15 Datasheet HTML 3Page - STMicroelectronics ST1S15 Datasheet HTML 4Page - STMicroelectronics ST1S15 Datasheet HTML 5Page - STMicroelectronics ST1S15 Datasheet HTML 6Page - STMicroelectronics ST1S15 Datasheet HTML 7Page - STMicroelectronics ST1S15 Datasheet HTML 8Page - STMicroelectronics ST1S15 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
List of figures
ST1S15
4/27
DocID023280 Rev 4
List of figures
Figure 1: ST1S15 application schematic ....................................................................................................5
Figure 2: Pin connections (top view)...........................................................................................................6
Figure 3: Efficiency vs. output current ......................................................................................................10
Figure 4: Output voltage vs. input voltage ................................................................................................10
Figure 5: Supply current vs. input voltage in auto mode ..........................................................................10
Figure 6: Supply current vs. input voltage in PWM mode.........................................................................10
Figure 7: Output voltage vs. output current ..............................................................................................10
Figure 8: Frequency vs. input voltage.......................................................................................................10
Figure 9: Output voltage vs. output current VIN=3.6 V ..............................................................................11
Figure 10: Mode transition vs. input voltage .............................................................................................11
Figure 11: Mode transition PFM to PWM..................................................................................................11
Figure 12: Output voltage ripple (no-load) ................................................................................................11
Figure 13: Output voltage ripple ...............................................................................................................11
Figure 14: Line transient ...........................................................................................................................11
Figure 15: Load transient IOUT = 50 to 250 mA .........................................................................................12
Figure 16: Load transient IOUT = 250 to 50 mA .........................................................................................12
Figure 17: Enable startup .........................................................................................................................12
Figure 18: VIN startup ................................................................................................................................12
Figure 19: Block schematic.......................................................................................................................13
Figure 20: PFM to PWM transition............................................................................................................14
Figure 21: PWM to PFM transition............................................................................................................15
Figure 22: Flip Chip layout recommended (not in scale) ..........................................................................18
Figure 23: Flip Chip 6 package outline .....................................................................................................21
Figure 24: Flip Chip 6 footprint recommended data (mm)........................................................................23
Figure 25: Tape and reel outline ...............................................................................................................24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com