Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S15 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST1S15
Description  Short-circuit and thermal protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S15 Datasheet(HTML) 5 Page - STMicroelectronics

  ST1S15 Datasheet HTML 1Page - STMicroelectronics ST1S15 Datasheet HTML 2Page - STMicroelectronics ST1S15 Datasheet HTML 3Page - STMicroelectronics ST1S15 Datasheet HTML 4Page - STMicroelectronics ST1S15 Datasheet HTML 5Page - STMicroelectronics ST1S15 Datasheet HTML 6Page - STMicroelectronics ST1S15 Datasheet HTML 7Page - STMicroelectronics ST1S15 Datasheet HTML 8Page - STMicroelectronics ST1S15 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
ST1S15
Application schematic
DocID023280 Rev 4
5/27
1
Application schematic
Figure 1: ST1S15 application schematic
Table 2: Typical external components
Component
Manufacturer
Part number
Value
Size
CIN
Murata
GRM155R60J475ME87
4.7 µF
0402
COUT
GRM155R60G475ME87
(1)
GRM155R60J475ME87
L
LQM21PNR47MC0D
470 nH
2.0 x 1.25 x 0.5 mm
Notes:
(1)
VOUT ≤ 1.82 V
All the above components refer to a typical application. The ST1S15 operation is
not limited to the choice of these external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com