Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S15 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST1S15
Description  Short-circuit and thermal protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S15 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST1S15 Datasheet HTML 12Page - STMicroelectronics ST1S15 Datasheet HTML 13Page - STMicroelectronics ST1S15 Datasheet HTML 14Page - STMicroelectronics ST1S15 Datasheet HTML 15Page - STMicroelectronics ST1S15 Datasheet HTML 16Page - STMicroelectronics ST1S15 Datasheet HTML 17Page - STMicroelectronics ST1S15 Datasheet HTML 18Page - STMicroelectronics ST1S15 Datasheet HTML 19Page - STMicroelectronics ST1S15 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Detailed description
ST1S15
16/27
DocID023280 Rev 4
7.6
Thermal protection
The device also has thermal shutdown protection, which is active when the junction
temperature reaches 125 °C. In this case both the high and low-side MOSFETs turn off.
Once the junction temperature goes back below 95 °C, the device resumes normal
operation.
7.7
Overcurrent protection
The overcurrent protection limits the maximum inductor current. This current, flowing
through the P-channel of the power stage, causes a voltage drop, across its RDS(on), at the
switching node. A comparator compares the switching node voltage with a reference
voltage VR. To generate the VR voltage a current generator is used, which causes a drop
across a P-channel of the same kind as the power stage. When the switching node voltage
is lower than VR, the comparator output goes high and the power P-channel turns off.
7.8
Enable function
The ST1S15 features an enable function (B2). When the EN voltage is higher than 1.2 V
the device is ON, and if it is lower than 0.4 V the device is OFF. In shutdown mode the
consumption is lower than 5 µA. The EN pin does not have an internal pull-up, which
means that the EN pin cannot be left floating. If the enable function is not used, the EN pin
must be connected to VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com