Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6404 Datasheet(PDF) 32 Page - STMicroelectronics

Part # VV6404
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6404 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VV6404 Datasheet HTML 28Page - STMicroelectronics VV6404 Datasheet HTML 29Page - STMicroelectronics VV6404 Datasheet HTML 30Page - STMicroelectronics VV6404 Datasheet HTML 31Page - STMicroelectronics VV6404 Datasheet HTML 32Page - STMicroelectronics VV6404 Datasheet HTML 33Page - STMicroelectronics VV6404 Datasheet HTML 34Page - STMicroelectronics VV6404 Datasheet HTML 35Page - STMicroelectronics VV6404 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
VV5404 & VV6404
CD5404-6404F-A
32/54
5.5.4
Setup0 [001_00002]
5.5.5
Setup1 [001_00012]
Bit
Function
Default
Comment
0
Low Power Mode:
Off/On
1
Powers down the sensor array. The output
databus goes to FH. On power-up the sensor
enters low power mode.
1
Sleep Mode:
Off/On
0
Puts the sensor array into reset. The output
databus goes to FH.
2
Soft Reset
Off/On
0
Setting this bit resets the sensor to its power-up
defaults. This bit is also reset.
3Frame Rate select:
25 fps or 30 fps
1
4
Tri-state output data bus
Outputs Enabled/Tristate
0
On power up the data output pads D[3:0] are
enabled by default.
7:5
unused
Table 13 : Setup0 [001_00002]
Bit
Function
Default
Comment
1:0
Black calibration mode selection
10
Black calibration trigger selection. Default
setting bases decision on result of monitor
test. See table below
2
reserved
3
Enable immediate clock division
update. Off/On
0
Allow manual change to clock division to be
applied immediately
4
Enable immediate gain update.
Off/On
0
Allow manual change to gain to be applied
immediately
5
Enable additional black lines (lines
3-9) Off/On
0
If enabled this bit will also enable the line
immediately following the end of frame line
6
Border rows and columns:
Masked or Output
1
These extra pixels/rows are used in colour
processing
7
Pixel read-out order:
Unshuffled or Shuffled
1
It is strongly recommended to use shuffled
read-out.
Table 14 : Setup1 [001_00012]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com