Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6404 Datasheet(PDF) 35 Page - STMicroelectronics

Part # VV6404
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6404 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button VV6404 Datasheet HTML 31Page - STMicroelectronics VV6404 Datasheet HTML 32Page - STMicroelectronics VV6404 Datasheet HTML 33Page - STMicroelectronics VV6404 Datasheet HTML 34Page - STMicroelectronics VV6404 Datasheet HTML 35Page - STMicroelectronics VV6404 Datasheet HTML 36Page - STMicroelectronics VV6404 Datasheet HTML 37Page - STMicroelectronics VV6404 Datasheet HTML 38Page - STMicroelectronics VV6404 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
VV5404 & VV6404
CD5404-6404F-A
35/54
5.5.9
Exposure Control Registers [010_00002] - [010_10012]
There is a set of programmable registers which controls the sensitivity of the sensor. The registers are as follows:
1. Fine exposure.
2. Coarse exposure time.
3. Gain.
4. Clock division.
The gain parameter does not affect the integration period rather it amplifies the video signal at the output stage of the
sensor core.
Note: The external exposure (coarse, fine, clock division or gain) values do not take effect immediately. Data from
the serial interface is read by the exposure algorithm at the start of a video frame. If the user reads an exposure value
via the serial interface then the value reported will be the data as yet unconsumed by the exposure algorithm, because
the serial interface logic locally stores all the data written to the sensor.
Between writing the exposure data and the point at which the data is consumed by the exposure logic, bit 0 of the
status register is set. The gain value is updated a frame later than the coarse, fine and clock division parameters,
since the gain is applied directly at the video output stage and does not require the long set up time of the coarse and
fine exposure and the clock division.
To eliminate the possibility of the sensor array seeing only part of the new exposure and gain setting, if the serial
interface communications extends over a frame boundary, the internal re-timing of exposure and gain data is disabled
while writing data to any location in the Exposure page of the serial interface register map. Thus if the 5 bytes of
exposure and gain data is sent as an auto-increment sequence, it is not possible for the sensor to consume only part
of the new exposure and gain data.
The range of some parameter values is limited and any value programmed out-with this range will be clipped to the
maximum allowed.
oeb_composite
su5[4]
su5[3]
Comments
0
0
0
Drive strength = 2mA
0
0
1
Default drive strength = 4mA
0
1
0
Drive strength = 6mA
0
1
1
unallocated
1
x
x
Outputs are not being driven therefore
driver strength is irrelevant
Table 23 : Output driver strength selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com