Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6404 Datasheet(PDF) 51 Page - STMicroelectronics

Part # VV6404
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6404 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button VV6404 Datasheet HTML 46Page - STMicroelectronics VV6404 Datasheet HTML 47Page - STMicroelectronics VV6404 Datasheet HTML 48Page - STMicroelectronics VV6404 Datasheet HTML 49Page - STMicroelectronics VV6404 Datasheet HTML 50Page - STMicroelectronics VV6404 Datasheet HTML 51Page - STMicroelectronics VV6404 Datasheet HTML 52Page - STMicroelectronics VV6404 Datasheet HTML 53Page - STMicroelectronics VV6404 Datasheet HTML 54Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 51 / 54 page
background image
VV5404 & VV6404
CD5404-6404F-A
51/54
Notes:
1. Use surface mount components throughout.
2. All ceramic capacitors are type COG.
3. Keep nodes Supply and Ground pins low impedance and independent.
4. Keep circuit components close to chip pins (especially de-coupling capacitors).
5. EMC precautions will be required on D[3:0] if driving a longer cable.
Component
Part No. / Provisional Value
Rating / Notes
IC1
VV6404A
VVL camera chip (48 pin LCC)
C1
10.0
µF6V tant.
C2-C3, C4-C6, C7-C8
0.1
µF
C9-C10
10.0
µF
6V tant.
C11-C12
220pF(*)
For 3m cable length
C13-C14
0.1
µF
C15
4.7
µF
6V tant
C16
10.0
µF
6V tant
TDB
R1-R2
Voltage divider such that TP1 =
3.2v
R3
33
Ω
R4-R5
2k2
Ω(∗)
For 3m cable length
Table 33 : PCB Component List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com