Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6404 Datasheet(PDF) 41 Page - STMicroelectronics

Part # VV6404
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6404 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button VV6404 Datasheet HTML 37Page - STMicroelectronics VV6404 Datasheet HTML 38Page - STMicroelectronics VV6404 Datasheet HTML 39Page - STMicroelectronics VV6404 Datasheet HTML 40Page - STMicroelectronics VV6404 Datasheet HTML 41Page - STMicroelectronics VV6404 Datasheet HTML 42Page - STMicroelectronics VV6404 Datasheet HTML 43Page - STMicroelectronics VV6404 Datasheet HTML 44Page - STMicroelectronics VV6404 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
VV5404 & VV6404
CD5404-6404F-A
41/54
5.7
Serial Interface Timing
NOTE 1: With 200pF capacitive load. It is recommended that pull-up resistors of 2.2k - 4.7k are fitted to both SDA
and SCL lines.
Parameter
Symbol
Min.
Max.
Unit
SCL clock frequency
fscl
0
100
kHz
Bus free time between a stop and a
start
tbuf
2
-
us
Hold time for a repeated start
thd;sta
80
-
us
LOW period of SCL
tlow
320
-
us
HIGH period of SCL
thigh
160
-
us
Set-up time for a repeated start
tsu;sta
80
-
us
Data hold time
thd;dat
0
-
us
Data Set-up time
tsu;dat
0
-
ns
Rise time of SCL, SDA
tr
-
300 (note1)
ns
Fall time of SCL, SDA
tf
-
300 (note1)
ns
Set-up time for a stop
tsu;sto
80
-
us
Capacitive load of each bus line (SCL,
SDA)
Cb
-
200
pF
Table 27 : Serial Interface Timing Characteristics
SDA
SCL
thd;sta
tr
thigh
tf
tsu;dat
thd;dat
tsu;sta
tsu;sto
...
...
thd;sta
tlow
tbuf
stop
start
stop
start
all values referred to the minimum input level (high) = 3.5V, and maximum input level (low) = 1.5V
Figure 26 : Serial Interface Timing Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com