Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6404 Datasheet(PDF) 36 Page - STMicroelectronics

Part # VV6404
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6404 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button VV6404 Datasheet HTML 32Page - STMicroelectronics VV6404 Datasheet HTML 33Page - STMicroelectronics VV6404 Datasheet HTML 34Page - STMicroelectronics VV6404 Datasheet HTML 35Page - STMicroelectronics VV6404 Datasheet HTML 36Page - STMicroelectronics VV6404 Datasheet HTML 37Page - STMicroelectronics VV6404 Datasheet HTML 38Page - STMicroelectronics VV6404 Datasheet HTML 39Page - STMicroelectronics VV6404 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
VV5404 & VV6404
CD5404-6404F-A
36/54
Notes:
1. The enable signal enabling the external ADC functionality is the logical OR of CR0[0] bit and the invert of the
ADCVDD pin.
2. The low-power select signal for the analogue circuitry is the logical OR of PD0[0] and Setup0[0].
Register
Index
Bits
Function
Default
Comment
010_00002
7:0
Fine MSB exposure value
0
Maximum mode dependent: 360
(30fps) / 438 (25 fps)
010_00012
7:0
Fine LSB exposure value
010_00102
7:0
Coarse MSB exposure value
302
Maximum: 302
010_00112
7:0
Coarse LSB exposure value
010_01002
2:0
Gain value
0
000: Gain = 1
001: Gain = 2
011: Gain = 4
111: Gain = 8
010_01012
1:0
Clock divisor value
0
00: Pixel clock = CLKI clock/2
01: Pixel clock = CLKI clock/4
10: Pixel clock = CLKI clock/8
11: Pixel clock = CLKI clock/16
Table 24 : Exposure, Clock Rate and Gain Registers
Bit
Function
Default
Comment
0
Standby
Off/On
0
Powers down ALL analogue circuitry
1
Power Down - ADC
Off/On
0
2
Power Down - ADC Top Reference
Off/On
0
5:3
Reserved
7:6
Unused
Table 25 : Control Register CR [111_01102]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com