Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6404 Datasheet(PDF) 38 Page - STMicroelectronics

Part # VV6404
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6404 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button VV6404 Datasheet HTML 34Page - STMicroelectronics VV6404 Datasheet HTML 35Page - STMicroelectronics VV6404 Datasheet HTML 36Page - STMicroelectronics VV6404 Datasheet HTML 37Page - STMicroelectronics VV6404 Datasheet HTML 38Page - STMicroelectronics VV6404 Datasheet HTML 39Page - STMicroelectronics VV6404 Datasheet HTML 40Page - STMicroelectronics VV6404 Datasheet HTML 41Page - STMicroelectronics VV6404 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
VV5404 & VV6404
CD5404-6404F-A
38/54
5.6
Types of messages
This section gives guidelines on the basic operations to read data from and write data to the serial interface.
The serial interface supports variable length messages. A message may contain no data bytes, one data byte or many
data bytes. This data can be written to or read from common or different locations within the sensor. The range of
instructions available are detailed below.
•
Write no data byte, only sets the index for a subsequent read message.
•
Single location multiple data write or read for monitoring (real time control)
•
Multiple location, multiple data read or write for fast information transfers.
Examples of these operations are given below. A full description of the internal registers is given in the previous
section. For all examples the slave address used is 3210 for writing and 3310 for reading. The write address includes
the read/write bit (the lsb) set to zero while this bit is set in the read address.
5.6.1 Single location, single data write.
When a random value is written to the sensor, the message will look like this:
In this example, the fineH exposure register (index = 3210) is set to 8510. The r/w bit is set to zero for writing and the
inc bit (msbit of the index byte) is set to zero to disable automatic increment of the index after writing the value. The
address index is preserved and may be used by a subsequent read. The write message is terminated with a stop
condition from the master.
5.6.2
Single location, single data read.
A read message always contains the index used to get the first byte.
This example assumes that a write message has already taken place and the residual index value is 3210. A value of
8510 is read from the fineH exposure register. Note that the read message is terminated with a negative acknowledge
(A) from the master: it is not guaranteed that the master will be able to issue a stop condition at any other time during
a read message. This is because if the data sent by the slave is all zeros, the sda line cannot rise, which is part of the
stop condition.
5.6.3
No data write followed by same location read.
When a location is to be read, but the value of the stored index is not known, a write message with no data byte must
be written first, specifying the index. The read message then completes the message sequence. To avoid
relinquishing the serial to bus to another master a repeated start condition is asserted between the write and read
messages. In this example, the gain value (index = 3610) is read as 1510:
Figure 19 : Single location, single write.
S
3210
A
0
3210
A
8510
A
P
Start
Device
Ack
address
Index
Data
Stop
Figure 20 : Single location, single read.
S
3310
A
0
3210
A
8510
A
P
Start
Device
Ack
address
Index
Data
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com