Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER0PHD Datasheet(PDF) 7 Page - STMicroelectronics

Part # VIPER0PHD
Description  Zero-power off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER0PHD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VIPER0PHD Datasheet HTML 3Page - STMicroelectronics VIPER0PHD Datasheet HTML 4Page - STMicroelectronics VIPER0PHD Datasheet HTML 5Page - STMicroelectronics VIPER0PHD Datasheet HTML 6Page - STMicroelectronics VIPER0PHD Datasheet HTML 7Page - STMicroelectronics VIPER0PHD Datasheet HTML 8Page - STMicroelectronics VIPER0PHD Datasheet HTML 9Page - STMicroelectronics VIPER0PHD Datasheet HTML 10Page - STMicroelectronics VIPER0PHD Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
VIPer0P
Electrical and thermal ratings
DocID028423 Rev 2
7/36
2
Electrical and thermal ratings
Table 2: Absolute maximum ratings
Symbol
Pin
Parameter (1)(2)
Min.
Max.
Unit
VDS
13 to 16
Drain-to-source (ground) voltage
-0.3
800
V
IDRAIN
13 to 16
Pulsed drain current (pulse-width limited by SOA)
2
A
VEAGND
2
EAGND voltage (referred to VCC)
-35 (3)
0.3
V
EAGND voltage (referred to SGND)
0.3
V
VCC
3
VCC voltage (referred to EAGND)
-0.3
35 (3)
V
VCC voltage (referred to SGND)
-0.3
35
V
ICC
3
VCC internal Zener current
30
mA
VFB
5
FB voltage (referred to EAGND)
-0.3
5 (3)
V
FB voltage (referred to VCC)
-35
0.3
V
VCOMP
6
COMP voltage (referred to SGND)
-0.3
5 (3)
V
COMP voltage (referred to VCC)
-35
0.3
V
VON
7
ON voltage (referred to SGND)
-0.3
5.5
V
ON voltage (referred to VCC)
-35
0.3
V
VOFF
8
OFF voltage (referred to SGND)
-0.3
5.5
V
OFF voltage (referred to VCC)
-35
0.3
V
PTOT
Power dissipation @ Tamb < 50 °C
1
W
Tj
Junction temperature operating range
-40
150
°C
TSTG
Storage temperature
-55
150
°C
Notes:
(1)Stresses beyond those listed absolute maximum ratings may cause permanent damage to the device.
(2)Exposure to absolute-maximum-rated conditions for extended periods may affect the device reliability.
(3)Voltage is internally limited.
Table 3: Thermal data
Symbol
Parameter
Max. value
Unit
SO16N
RthJP
Thermal resistance junction-pin (dissipated power 1 W)
35
°C/W
RthJA (1)
Thermal resistance junction-ambient (dissipated power 1 W)
110
Thermal resistance junction-ambient (dissipated power 1 W) (2)
80
Notes:
(1)Derived by characterization.
(2)When mounted on a standard single side FR4 board with 100 mm² (0.1552 inch) of Cu (35 µm thick).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com