Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER0PHD Datasheet(PDF) 4 Page - STMicroelectronics

Part # VIPER0PHD
Description  Zero-power off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER0PHD Datasheet(HTML) 4 Page - STMicroelectronics

  VIPER0PHD Datasheet HTML 1Page - STMicroelectronics VIPER0PHD Datasheet HTML 2Page - STMicroelectronics VIPER0PHD Datasheet HTML 3Page - STMicroelectronics VIPER0PHD Datasheet HTML 4Page - STMicroelectronics VIPER0PHD Datasheet HTML 5Page - STMicroelectronics VIPER0PHD Datasheet HTML 6Page - STMicroelectronics VIPER0PHD Datasheet HTML 7Page - STMicroelectronics VIPER0PHD Datasheet HTML 8Page - STMicroelectronics VIPER0PHD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
List of figures
VIPer0P
4/36
DocID028423 Rev 2
List of figures
Figure 1: Basic application schematic ........................................................................................................1
Figure 2: Connection diagram ....................................................................................................................5
Figure 3: IDLIM vs TJ ...................................................................................................................................12
Figure 4: ION vs VON...................................................................................................................................12
Figure 5: FOSC vs TJ...................................................................................................................................12
Figure 6: VHV_START vs TJ ...........................................................................................................................12
Figure 7: VFB_REF vs TJ...............................................................................................................................12
Figure 8: Quiescent current Iq vs TJ ..........................................................................................................12
Figure 9: Operating current ICC vs TJ ........................................................................................................13
Figure 10: ICOMP vs TJ................................................................................................................................13
Figure 11: ICH1 vs TJ ..................................................................................................................................13
Figure 12: ICH1 vs VDRAIN............................................................................................................................13
Figure 13: ICH2 vs TJ ..................................................................................................................................13
Figure 14: ICH2 vs VDRAIN............................................................................................................................13
Figure 15: ICH3 vs TJ ..................................................................................................................................14
Figure 16: ICH3 vs VDRAIN............................................................................................................................14
Figure 17: GM vs TJ ...................................................................................................................................14
Figure 18: RDS(on) vs TJ..............................................................................................................................14
Figure 19: Static drain source on resistance ............................................................................................14
Figure 20: Output characteristic................................................................................................................14
Figure 21: VBVDSS vs TJ .............................................................................................................................15
Figure 22: Max avalache energy vs TJ .....................................................................................................15
Figure 23: SOA SO16N package..............................................................................................................15
Figure 24: Block diagram ..........................................................................................................................16
Figure 25: IC supply modes: self-supply and external supply ..................................................................17
Figure 26: Power-ON and power-OFF......................................................................................................18
Figure 27: Soft startup ..............................................................................................................................19
Figure 28: Pulse skipping during start-up for FOSC = 60 kHz ....................................................................20
Figure 29: ZPM managed in mixed mode.................................................................................................22
Figure 30: ZPM fully managed by MCU....................................................................................................22
Figure 31: Overload condition...................................................................................................................23
Figure 32: Thermal shutdown timing diagram ..........................................................................................24
Figure 33: Flyback converter (non-isolated) .............................................................................................25
Figure 34: Negative output flyback converter (non-isolated) ....................................................................25
Figure 35: Isolated flyback converter with secondary feedback ...............................................................26
Figure 36: Primary side regulation isolated flyback converter ..................................................................26
Figure 37: Buck converter (positive output) ..............................................................................................27
Figure 38: Buck-boost converter (negative output) ..................................................................................27
Figure 39: Example of interfacing the VIPer0P to a MCU supplied from a negative rail ..........................28
Figure 40: PIN versus VIN in ZPM and no load ..........................................................................................29
Figure 41: PIN versus VIN in light load .......................................................................................................29
Figure 42: Recommended routing for flyback converter...........................................................................31
Figure 43: Recommended routing for buck converter ..............................................................................31
Figure 44: SO16N package outline...........................................................................................................32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com