Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER0PHD Datasheet(PDF) 18 Page - STMicroelectronics

Part # VIPER0PHD
Description  Zero-power off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER0PHD Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VIPER0PHD Datasheet HTML 14Page - STMicroelectronics VIPER0PHD Datasheet HTML 15Page - STMicroelectronics VIPER0PHD Datasheet HTML 16Page - STMicroelectronics VIPER0PHD Datasheet HTML 17Page - STMicroelectronics VIPER0PHD Datasheet HTML 18Page - STMicroelectronics VIPER0PHD Datasheet HTML 19Page - STMicroelectronics VIPER0PHD Datasheet HTML 20Page - STMicroelectronics VIPER0PHD Datasheet HTML 21Page - STMicroelectronics VIPER0PHD Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
General description
VIPer0P
18/36
DocID028423 Rev 2
At the nominal input voltage, 230 VAC, the typical consumption (RG = 34
MΩ) is 3.2 mW and
the worst-case consumption (RG
= 28 MΩ) is 3.9 mW.
When the IC is disconnected from the mains, or there is a mains interruption, for some time
the converter will keep on working, powered by the energy stored in the input bulk
capacitor. When this is discharged below a critical value, the converter is no longer able to
keep the output voltage regulated. During the power down, when the DRAIN voltage
becomes too low, the HV current source (IHV) remains off and the IC is stopped as soon as
the VCC drops below the UVLO threshold, VCCoff.
Figure 26: Power-ON and power-OFF
4.5
Soft startup
The internal soft-start function of VIPer0P progressively increases the cycle-by-cycle
current limitation set point from zero up to IDLIM in 8 steps of 50 mA each. The soft-start
time, tSS, is internally set at 8 ms. This function is activated at any attempt of converter
start-up and at any restart after a fault event. The feature protects the system at the startup
when the output load presents itself like a short-circuit and the converter would work at its
maximum drain current limitation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com