Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER0PHD Datasheet(PDF) 34 Page - STMicroelectronics

Part # VIPER0PHD
Description  Zero-power off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER0PHD Datasheet(HTML) 34 Page - STMicroelectronics

Back Button VIPER0PHD Datasheet HTML 28Page - STMicroelectronics VIPER0PHD Datasheet HTML 29Page - STMicroelectronics VIPER0PHD Datasheet HTML 30Page - STMicroelectronics VIPER0PHD Datasheet HTML 31Page - STMicroelectronics VIPER0PHD Datasheet HTML 32Page - STMicroelectronics VIPER0PHD Datasheet HTML 33Page - STMicroelectronics VIPER0PHD Datasheet HTML 34Page - STMicroelectronics VIPER0PHD Datasheet HTML 35Page - STMicroelectronics VIPER0PHD Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
Ordering information
VIPer0P
34/36
DocID028423 Rev 2
7
Ordering information
Table 12: Order codes
Order code
Package
Packing
FOSC ± jitter
VIPER0PLD
SO16N
Tube
60 kHz ±7%
VIPER0PHD
120 kHz ±7%
VIPER0PLDTR
Tape and reel
60 kHz ±7%
VIPER0PHDTR
120 kHz ±7%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com