Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER0PHD Datasheet(PDF) 11 Page - STMicroelectronics

Part # VIPER0PHD
Description  Zero-power off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER0PHD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VIPER0PHD Datasheet HTML 7Page - STMicroelectronics VIPER0PHD Datasheet HTML 8Page - STMicroelectronics VIPER0PHD Datasheet HTML 9Page - STMicroelectronics VIPER0PHD Datasheet HTML 10Page - STMicroelectronics VIPER0PHD Datasheet HTML 11Page - STMicroelectronics VIPER0PHD Datasheet HTML 12Page - STMicroelectronics VIPER0PHD Datasheet HTML 13Page - STMicroelectronics VIPER0PHD Datasheet HTML 14Page - STMicroelectronics VIPER0PHD Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
VIPer0P
Electrical and thermal ratings
DocID028423 Rev 2
11/36
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VONth
ZPM exiting threshold
During ZPM
0.75
1
1.25
V
VON
Operating voltage level
Pin floating
4.1
4.6
V
RON
Pull-up resistor on
ON pin
32
41
50
kΩ
tDEB_ON (3)
ON debounce time
20
35
µs
Oscillator
FOSC
Switching frequency
VIPER0PL
54
60
66
kHz
VIPER0PH
108
120
132
FOSC_MIN
Minimum switching
frequency
(2)
13.5
15
16.5
kHz
FD
Modulation depht
±7%
FOSC
kHz
FM
Modulation frequency
260
Hz
DMAX
Max. duty cycle
70
80
%
Thermal shutdown
TSD
Thermal shutdown
temperature
(3)
150
160
°C
Notes:
(1)See Section 5.10: "Pulse frequency modulation".
(2)See Section 5.7: "Pulse skipping ".
(3)Parameter assured by design, characterization, and statistical correlation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com