Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER0PHD Datasheet(PDF) 23 Page - STMicroelectronics

Part # VIPER0PHD
Description  Zero-power off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER0PHD Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VIPER0PHD Datasheet HTML 19Page - STMicroelectronics VIPER0PHD Datasheet HTML 20Page - STMicroelectronics VIPER0PHD Datasheet HTML 21Page - STMicroelectronics VIPER0PHD Datasheet HTML 22Page - STMicroelectronics VIPER0PHD Datasheet HTML 23Page - STMicroelectronics VIPER0PHD Datasheet HTML 24Page - STMicroelectronics VIPER0PHD Datasheet HTML 25Page - STMicroelectronics VIPER0PHD Datasheet HTML 26Page - STMicroelectronics VIPER0PHD Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
VIPer0P
General description
DocID028423 Rev 2
23/36
4.12
Overload protection (OLP)
In order to manage the overload condition the IC embeds the following main blocks: the
OCP comparator to turn off the power MOSFET when the drain current reaches its limit
(IDLIM), the up and down OCP counter to define the turn off delay time in case of continuous
overload (tOVL = 50 ms typ.) and the timer to define the restart time after protection tripping
(tRESTART = 1 sec, typ.).
In case of short-circuit or overload, the control level on the inverting input of the PWM
comparator is greater than the reference level fed into the inverting input of the OCP
comparator. As a result, the cycle-by-cycle turn off of the power switch will be triggered by
the OCP comparator instead of by the PWM comparator. Every cycle this condition is met,
the OCP counter is incremented and if the fault condition persists for a time greater than
tOVL (corresponding to the counter end-of-count), the protection is tripped, the PWM is
disabled for tRESTART, then it resumes switching with soft-start and, if the fault is still present,
it is disabled again after tOVL. The OLP management prevents that the IC could be
indefinitely operated at IDLIM and the low repetition rate of the restart attempts of the
converter avoids overheating the IC in case of repeated fault events.
After the fault removal, the IC resumes working normally. If the fault is removed before the
protection tripping (before tOVL), the tOVL-counter is decremented on a cycle-by-cycle basis
down to zero and the protection is not tripped. If the fault is removed during tRESTART, the IC
waits for that the tRESTART period has elapsed before resuming switching.
In fault condition the VCC ranges between VCSon and VCCon levels, due to the periodical
activation of the HV current source recharging the VCC capacitor.
Figure 31: Overload condition
4.13
Max. duty cycle counter protection
The IC embeds a max duty-cycle counter, which disables the PWM if the MOSFET is
turned off by max duty cycle (70% min, 80% max) for ten consecutive switching cycles.
After protection tripping, the PWM is stopped for tRESTART and then activated again with soft-
start phase until the fault condition is removed.
In some cases (i.e. breaking of the loop) even if VCOMP is saturated high, the OLP cannot be
triggered because at every switching cycle the PWM is turned off by maximum duty cycle
before the DRAIN peak current can reach the IDLIM setpoint. As a result, the output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com