Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EL70L3 Datasheet(PDF) 124 Page - STMicroelectronics

Part # SPC56EL70L3
Description  4 KB instruction cache with error detection code
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL70L3 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button SPC56EL70L3 Datasheet HTML 120Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 121Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 122Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 123Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 124Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 125Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 126Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 127Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 128Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 124 / 128 page
background image
Package characteristics
SPC56EL70L3, SPC56EL70L5,PC564L70L3, SPC564L70L5
124/128
DocID023953 Rev 5
E3
17.5
—
—
0.6890
—
—
e
0.5
—
—
0.0197
—
—
L
0.6
0.45
0.75
0.0236
0.0177
0.0295
L1
1
—
—
0.0394
—
—
k
3.5°0.0°7.0°3.5°
0.0°7.0°
Tolerance
mm
inches
ccc
0.08
0.0031
1. Values in inches are converted from mm and rounded to four decimal digits.
Table 41. LQFP144 mechanical data (continued)
Symbol
mm
inches(1)
Typ
Min
Max
Typ
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com