Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EL70L3 Datasheet(PDF) 126 Page - STMicroelectronics

Part # SPC56EL70L3
Description  4 KB instruction cache with error detection code
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL70L3 Datasheet(HTML) 126 Page - STMicroelectronics

Back Button SPC56EL70L3 Datasheet HTML 120Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 121Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 122Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 123Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 124Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 125Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 126Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 127Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 128Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 126 / 128 page
background image
Revision history
SPC56EL70L3, SPC56EL70L5,PC564L70L3, SPC564L70L5
126/128
DocID023953 Rev 5
6
Revision history
Table 42. Revision history
Date
Revision
Changes
23-Nov-2012
1
Initial release.
03-Sep-2013
2
Revision 2 changes:
– Replaced IEC with ISO26262 in Section 1.1: Document overview
– Updated Section 3.15.1: Input Impedance and ADC Accuracy -
replaced fC by fS
– Table 6: System pins - added footnote to RESET pin about weak
pull down
– Updated Equation 11
– Updated Table 26: Flash memory program and erase electrical
specifications
- Removed “Factory Average” column and updated
the values in “Initial Max” column from rows 3 to 7
– Updated Figure 41: Commercial product code structure and added
a note to the figure
– Updated the following in Table 8: Absolute maximum ratings:
Updated the “Max” column values
Updated the table footnotes
– Updated the following in Table 9: Recommended operating
conditions (3.3 V)
:
Added table footnote “VDD_HV_ADRx must always be applied and
should be stable before LBIST starts. If this supply is not above its
absolute minimum level, LBIST operations can fail”
Maximum values of VDD_HV_REG, VDD_HV_IOx, VDD_HV_FLA, VDD_HV_OSC,
VDD_HV_ADV changed from “3.6” to “3.63”
Min and max value of VDD_HV_ADR0 and VDD_HV_ADR1 changed
from “4.5 to 5.5 or 3.0 to 3.6” to “4.5 to 5.5 or 3.0 to 3.63”
– Updated the following values in Table 18: Voltage regulator
electrical specifications
:
For “Combined ESR of external capacitor” min value is updated to
“1” and max value is updated to “100”
For “Main High Voltage Power - Low Voltage Detection, upper
threshold” max value is updated as “2.93”
Added row “Digital supply low voltage detector lower threshold” for
condition “After a destructive reset initialization phase completion”
Added row “Digital supply low voltage detector upper threshold” for
condition “Before a destructive reset initialization phase”
For row “Digital supply high voltage detector upper threshold”,
condition “After a destructive reset initialization phase completion” min
value is changed from “1.38” to “1.39”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com