| Electronic Components Datasheet Search |
|
ST7MC1K2-Auto Datasheet(PDF) 227 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC1K2-Auto Datasheet(HTML) 227 Page - STMicroelectronics |
|
227 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto On-chip peripherals 227/371 Speed measurement mode Motor speed can be measured using two methods depending on sensor type: period measurement or pulse counting. Typical sensor handling is described here. Incremental encoders allows accurate speed measurement by providing a large number of pulses per revolution (ppr) with ppr rates up to several thousands; the higher the ppr rate, the higher the resolution. The proposed method consists of counting the number of clock cycles issued by the incremental encoder interface (encoder clock) during a fixed time window (refer to Figure 101). The tachogenerator has a much lower ppr rate than the encoder (typically factor 10). In this context, it is more meaningful to measure the period between tacho captures (that is, relevant transitions of the incoming signals). Accuracy is imposed by the reference clock, that is, the CPU clock (refer to Figure 100). Figure 100. Tachogenerator period acquisition using MTIM timer Figure 101. Encoder clock frequency measure using MTIM timer C S C C C C C C Comparator output Tacho capture Compare value MTIM counter value Interrupts S C to interrupt generator to interrupt generator (capture event) (speed error event) Decreasing speed Encoder clock Capture (triggered by software or real time clack MTIM counter value C C C C C C C Interrupts C to interrupt generator (capture event) Decreasing speed Obsolete Product(s) - Obsolete Product(s) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |