Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2-Auto Datasheet(PDF) 230 Page - STMicroelectronics

Part # ST7MC1K2-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2-Auto Datasheet(HTML) 230 Page - STMicroelectronics

Back Button ST7MC1K2-Auto Datasheet HTML 226Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 227Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 228Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 229Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 230Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 231Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 232Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 233Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 234Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
230/371
Figure 103. Overview of MTIM timer in speed measurement mode
1.
Register set-up described in Speed sensor mode on page 208.
2.
Register updated on R event.
S
C
to interrupt generator (speed error event)
to interrupt generator (capture event)
S
Compare
Clock
MSbits
clr
C
C
16-bit up counter
MTIM(2)
MTIML(2)
16-bit capture register
MZREG
MZPRV
LSbits
C
MDREG
(16 MHz)
ST[3:0] bits
4
1/2Ratio
MZREG < 55h?
MTIM register = 100h?
+1
-1
Tratio
RPI
RMI
MPRS register
IS[1:0] bits
Encoder
clock
TES[1:0] bits
MPAR(1) and MPHST(1)
IS[1:0]
TES[1:0]
Registers:
ECM
C
Tacho capture
MTIM read access
RTC interrupt
Compare
FFh (fixed)
16 MHz - 500 Hz
RPI
to interrupt generator (ratio increment event)
RMI
to interrupt generator (ratio decrement event)
Bits:
registers
Notes:
(4 MHz)
fMTC
fPERIPH
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com