Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2-Auto Datasheet(PDF) 232 Page - STMicroelectronics

Part # ST7MC1K2-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2-Auto Datasheet(HTML) 232 Page - STMicroelectronics

Back Button ST7MC1K2-Auto Datasheet HTML 228Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 229Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 230Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 231Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 232Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 233Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 234Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 235Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 236Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
232/371
Figure 104. Auto-updated prescaler functional diagram
Three kinds of interrupt can be generated in Speed sensor mode, as summarized in
Figure 105:
C interrupt, when a capture event occurs; this interrupt shares resources (mask bit and
flag) with the commutation event in switched/autoswitched mode, as these modes are
mutually exclusive.
RPI/RMI interrupts occur when the ST[3:0] bits of the MPSR register are changed,
either automatically or by hardware.
S interrupt occurs when a speed error happens (that is, a successful comparison
between [MTIM:MTIML] and [MDREG:FF]). This interrupt has the same channel as the
emergency stop interrupt (MCES), as it also warns the user about abnormal system
operation. The respective flag bits have to be tested in the interrupt service routine to
differentiate speed errors from emergency stop events.
These interrupts may be masked individually.
Note:
Delay manager initialization in speed measurement mode: In order to set-up the
[MTIM:MTIML] counter properly before any speed measurement, the following procedure
must be applied:
1. The peripheral clock must be disabled (resetting the CKE bit in the MCRA register) to
allow write access to ST[3:0], MTIM and MTIML (refer to Table 99)
2. MTIM, MTIML must be reset and appropriate values must be written in the ST[3:0]
prescaler adapt to the frequency of the signal being measured and to allow speed
measurement with sufficient resolution.
Note:
MTIML: The least significant byte of the counter (MTIML) is not used when working in
position sensor or sensorless modes.
Debug option
A signal reflecting the capture events may be output on a standard I/O port for debugging
purposes. Refer to Debug option on page 219 for more details.
Ratio > 0?
Ratio = Ratio -1
Counter = 0
Begin
End
Yes
No
Capture with [MTIM:MTIML] timer < 5500h
Ratio < Fh?
Ratio = Ratio + 1
Counter = Counter/2
Begin
End
Yes
No
[MTIM:MTIML] timer overflow
Slow-down control
Speed-up control
(MTIM = MTIML = FFh)
(MZREG < 55h)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com