Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 53Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 54Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 55Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 56Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 57Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 58Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 59Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 60Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
Supply, reset and clock
57/371
3:2 TB[1:0]
Time base control
These bits select the programmable divider time base. They are set and cleared by
software:
00: Time base (counter prescaler 16000) = 4 ms (fOSC2 = 4 MHz)
and 2 ms (fOSC2 =8 MHz)
01: Time base (counter prescaler 32000) = 8 ms (fOSC2 = 4 MHz)
and 4 ms (fOSC2 =8 MHz)
10: Time base (counter prescaler 80000) = 20 ms (fOSC2 = 4 MHz)
and 10 ms (fOSC2 =8 MHz)
11: Time base (counter prescaler 200000) = 50 ms (fOSC2 = 4 MHz)
and 25 ms (fOSC2 =8 MHz)
A modification of the time base is taken into account at the end of the current period
(previously set) to avoid an unwanted time shift. This allows this time base to be
used as a real time clock.
1OIE
Oscillator interrupt enable
This bit set and cleared by software.
0: Oscillator interrupt disabled
1: Oscillator interrupt enabled
This interrupt can be used to exit from Active Halt mode. When this bit is set, calling
the ST7 software HALT instruction enters the Active HALT power saving mode.
0OIF
Oscillator interrupt flag
This bit is set by hardware and cleared by software reading the CSR register. It
indicates when set that the main oscillator has reached the selected elapsed time
(TB1:0).
0: Timeout not reached
1: Timeout reached
Caution: The BRES and BSET instructions must not be used on the MCCSR
register to avoid unintentionally clearing the OIF bit.
Table 13.
MCCSR register description (continued)
Bit
Name
Function
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com