Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 39Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 40Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 41Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 42Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 43Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 44Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 45Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 46Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
Supply, reset and clock
43/371
Figure 9.
Clock, reset and supply block diagram
1.
It is recommended to decouple the power supply by placing a 0.1µF capacitor as close as possible to VDD
Oscillator
OSC1
RESET
VSS
VDD
(1)
Reset sequence
manager
(RSM)
Clock security system
OSC2
CSS interrupt request
AVD interrupt request
System
Watchdog timer
SICSR, page 0
(WDG)
AVD AVD LVD
RF
CSS
IE
IE
CSS
D
WDG
RF
fOSC
0
F
fCPU
fMTC
1/2
Safeosc
8MHz
PLL
Clock detector
VCO
CK
0
EN
PA
LO
CK
PLL
EN
SICSR, page 1
16MHz
fOSC
CKSEL
DIV2 OPT
lock
GE
0
0
integrity management
SEL
fCLK Main clock controller
with real time clock
(MCC/RTC)
Auxillary voltage detector
(AVD)
PA
GE
Low voltage detector
(LVD)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com