Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 66Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 67Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 68Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 69Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 70Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 71Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 72Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 73Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Interrupts
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
70/371
7.9
Interrupt addresses
Table 22.
Interrupt mapping
No.
Source block
Description
Register
label
Priority
order
Exit from
HALT(1)
1.
Valid for Halt and Active Halt modes except for the MCC/RTC or CSS interrupt source which exits from Active Halt mode
only.
Address
vector
Reset
Reset
N/A
Highest
priority
Lowest
priority
Yes
FFFEh-FFFFh
TRAP
Software interrupt
No
FFFCh-FFFDh
0MCES
Motor control emergency stop or speed
error interrupt
MISR
MCRC
No
FFFAh-FFFBh
1
MCC/RTC CSS
Main clock controller time base interrupt
Safe oscillator activation interrupt
MCCSR
SICSR
Yes
FFF8h-FFF9h
2
ei0
External interrupt port
N/A
Yes
FFF6h-FFF7h
3
ei1
External interrupt port
Yes
FFF4h-FFF5h
4
ei2
External interrupt port
Yes
FFF2h-FFF3h
5
MTC
Event U, current loop or sampling out
MISR/
MCONF
No
FFF0h-FFF1h
6
Event R or event Z
MISR
No
FFEEh-FFEFh
7
Event C or event D
No
FFECh-FFEDh
8
SPI
SPI peripheral interrupts
SPICSR
Yes
FFEAh-FFEBh
9
Timer A
Timer A peripheral interrupts
TASR
No
FFE8h-FFE9h
10
Timer B
Timer B peripheral interrupts
TBSR
No
FFE6h-FFE7h
11
LINSCI
™
LINSCI
™ peripheral interrupts
SCISR
No
FFE4h-FFE5h
12
AVD/ADC
Auxiliary voltage detector interrupt
ADC end of conversion interrupt
SICSR
ADCSR
Yes
FFE2h-FFE3h
13
PWM ART
PWM ART overflow interrupt
PWM ART input capture interrupts
ARTCSR
ARTICCSR
No
FFE0h-FFE1h
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com