Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 90 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 90 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 86Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 87Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 88Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 89Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 90Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 91Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 92Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 93Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
90/371
Figure 33.
Window watchdog timing diagram
10.1.6
Low power modes
10.1.7
Hardware watchdog option
If Hardware watchdog is selected by option byte, the watchdog is always active and the
WDGA bit in the WDGCR is not used. Refer to Section 14.1: Flash option bytes.
T6 bit
Reset
WDGWR
T[5:0] CNT downcounter
time
Refresh window
Refresh not allowed
(step = 16384/fOSC2)
3Fh
Table 34.
Effect of low power modes on window watchdog
Mode
Description
Slow
No effect on watchdog. The downcounter continues to decrement at normal speed.
Wait
No effect on watchdog. The downcounter continues to decrement.
Halt
OIE bit in
MCCSR
register
WDGHALT
bit in
option byte
00
No watchdog reset is generated. The MCU enters Halt mode.
The watchdog counter is decremented once and then stops
counting and is no longer able to generate a watchdog reset
until the MCU receives an external interrupt or a reset.
If an interrupt is received (refer to Table 22: Interrupt mapping
to see interrupts which can occur in Halt mode), the watchdog
restarts counting after 256 or 4096 CPU clocks. If a reset is
generated, the watchdog is disabled (reset state) unless
hardware watchdog is selected by option byte. For application
recommendations see Section 10.1.8 below.
0
1
A reset is generated instead of entering Halt mode.
Active Halt
1
x
No reset is generated. The MCU enters Active Halt mode. The
watchdog counter is not decremented. It stops counting.
When the MCU receives an oscillator interrupt or external
interrupt, the watchdog restarts counting immediately. When
the MCU receives a reset the watchdog restarts counting after
256 or 4096 CPU clocks.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com