Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 15Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 16Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 17Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 18Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 19Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 20Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 21Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 22Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
Description
19/371
1
Description
The ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, and ST7MC2S6-Auto devices are members
of the ST7 microcontroller family designed for mid-range automotive applications with a motor control
dedicated peripheral.
All devices are based on a common industry-standard 8-bit core, featuring an enhanced instruction set
and are available with Flash, ROM or FASTROM program memory.
Under software control, all devices can be placed in Wait, Slow, Active Halt or Halt mode, reducing power
consumption when the application is in idle or stand-by state.
The enhanced instruction set and addressing modes of the ST7 offer both power and flexibility to
software developers, enabling the design of highly efficient and compact application code. In addition to
standard 8-bit data management, all ST7 microcontrollers feature true bit manipulation, 8x8 unsigned
multiplication and indirect addressing modes.
The devices feature an on-chip debug module (DM) to support in-circuit debugging (ICD). For a
description of the DM registers, refer to the ST7 ICC Protocol Reference Manual.
Table 1.
Device summary
Device
Program
memory - bytes
RAM
(stack) -
bytes
Operating
supply vs.
frequency
Temp. range
Package
Peripherals
ST7MC1K2-Auto Flash/ROM 8 K
384 (256)
4.5 to 5.5 V
with fCPU ≤
8 MHz
-40°C to 85°C/
-40 to 125°C
LQFP32
Watchdog, 16-
bit timer A,
LINSCITM, 10-
bit ADC, MTC,
8-bit PWM
ART, ICD
-
ST7MC1K6-Auto Flash 32 K
1024 (256)
-40°C to 125°C
ST7MC2S4-Auto Flash/ROM 16 K
768 (256)
-40°C to 85°C/
-40°C to 125°C
LQFP44
SPI,
16-bit
timer B
ST7MC2S6-Auto Flash 32 K
1024 (256)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com