Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 96 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 96 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 92Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 93Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 94Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 95Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 96Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 97Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 98Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 99Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
96/371
Figure 36.
PWM auto-reload timer function
Figure 37.
PWM signal from 0% to 100% duty cycle
Output compare and time base interrupt
On overflow, the OVF flag of the ARTCSR register is set and an overflow interrupt request is generated if
the overflow interrupt enable bit, OIE, in the ARTCSR register, is set. The OVF flag must be reset by the
user software. This interrupt can be used as a time base in the application.
External clock and event detector mode
Using the fEXT external prescaler input clock, the auto-reload timer can be used as an external clock
event detector. In this mode, the ARTARR register is used to select the nEVENT number of events to be
counted before setting the OVF flag.
nEVENT = 256 - ARTARR
Caution:
The external clock function is not available in Halt mode. If Halt mode is used in the
application, prior to executing the HALT instruction, the counter must be disabled by clearing
the TCE bit in the ARTCSR register to avoid spurious counter increments.
Duty cycle
register
Auto-reload
register
t
255
000
With OEx = 1
and OPx = 0
(ARTARR)
(PWMDCRx)
With OEx = 1
and OPx = 1
Counter
PWMx output
t
with OEx = 1
and OPx = 0
FDh
FEh
FFh
FDh
FEh
FFh
FDh
FEh
OCRx = FCh
OCRx = FDh
OCRx = FEh
OCRx = FFh
fCOUNTER
ARTARR = FDh
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com