Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 97Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 98Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 99Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 100Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 101Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 102Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 103Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 104Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
101/371
PWM duty cycle registers (PWMDCRx)
ART input capture control/status register (ARTICCSR)
Table 41.
PWMCR register description
Bit
Name
Function
7:4 OE[3:0]
PWM output enable
These bits are set and cleared by software. They enable or disable the PWM output
channels independently acting on the corresponding I/O pin.
0: PWM output disabled
1: PWM output enabled
3:0 OP[3:0]
PWM output polarity
These bits are set and cleared by software. They independently select the polarity
of the four PWM output signals (see Table 42).
Table 42.
PWM output signal polarity selection
PWMx output level
OPx(1)
1.
When an OPx bit is modified, the PWMx output signal polarity is immediately reversed.
Counter < OCRx
Counter > OCRx
10
0
01
1
PWMDCRx
Reset value: 0000 0000 (00h)
7
654
32
10
DC[7:0]
R/W
Table 43.
PWMDCRx register description
Bit
Name
Function
7:0 DC[7:0]
Duty cycle data
These bits are set and cleared by software. A PWMDCRx register is associated with
the OCRx register of each PWM channel to determine the second edge location of
the PWM signal (the first edge location is common to all channels and given by the
ARTARR register). These PWMDCR registers allow the duty cycle to be set
independently for each PWM channel.
ARTICCSR
Reset value: 0000 0000 (00h)
7
654
32
10
Reserved
CS[2:1]
CIE[2:1]
CF[2:1]
-
R/W
R/W
R/W
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com