Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 135 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 135 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 131Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 132Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 133Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 134Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 135Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 136Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 137Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 138Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
135/371
Figure 60.
Single master/multiple slave configuration
10.4.6
Low power modes
Using the SPI to wake up the device from Halt mode
In slave configuration, the SPI is able to wake up the device from Halt mode through a SPIF
interrupt. The data received is subsequently read from the SPIDR register when the
software is running (interrupt vector fetch). If multiple data transfers have been performed
before software clears the SPIF bit, then the OVR bit is set by hardware.
Note:
When waking up from Halt mode, if the SPI remains in slave mode, it is recommended to
perform an extra communications cycle to bring the SPI from Halt mode state to normal
state. If the SPI exits from slave mode, it returns to normal state immediately.
Caution:
The SPI can wake up the device from Halt mode only if the slave select signal (external SS
pin or the SSI bit in the SPICSR register) is low when the device enters Halt mode. So, if
slave selection is configured as external (see Slave select management on page 129), make
sure the master drives a low level on the SS pin when the slave enters Halt mode.
MOSI
MISO
SS
SCK
5V
Slave device
Slave device
SCK
SS
SS
SCK
Slave device
SS
SCK
Slave device
MOSI
MISO
MOSI
MISO
MOSI
MISO
MOSI
MISO
SCK
SS
Master
device
Table 54.
Effect of low power modes on SPI
Mode
Description
Wait
No effect on SPI.
SPI interrupt events cause the device to exit from Wait mode.
Halt
SPI registers are frozen.
In Halt mode, the SPI is inactive. SPI operation resumes when the device is
woken up by an interrupt with ‘exit from Halt mode’ capability. The data received
is subsequently read from the SPIDR register when the software is running
(interrupt vector fetching). If several data are received before the wake-up event,
then an overrun error is generated. This error can be detected after the fetch of
the interrupt routine that woke up the device.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com