Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 150 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 150 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 146Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 147Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 148Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 149Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 150Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 151Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 152Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 153Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
150/371
A muted receiver may be woken up in one of the following ways:
●
by idle line detection if the WAKE bit is reset,
●
by address mark detection if the WAKE bit is set.
Idle line detection
Receiver wakes up by idle line detection when the receive line has recognized an idle line.
Then the RWU bit is reset by hardware but the IDLE bit is not set.
This feature is useful in a multiprocessor system when the first characters of the message
determine the address and when each message ends by an idle line. As soon as the line
becomes idle, every receivers is woken up and the first characters of the message which
indicates the addressed receiver are analyzed. The receivers which are not addressed set
RWU bit to enter in mute mode. Consequently, they do not treat the next characters
constituting the next part of the message. At the end of the message, an idle line is sent by
the transmitter: this wakes up every receiver which are ready to analyse the addressing
characters of the new message.
In such a system, the inter-characters space must be smaller than the idle time.
Address mark detection
Receiver wakes up by address mark detection when it receives a ‘1’ as the most significant
bit of a word, thus indicating that the message is an address. The reception of this particular
word wakes up the receiver, resets the RWU bit and sets the RDRF bit, which allows the
receiver to receive this word normally and to use it as an address word.
This feature is useful in a multiprocessor system when the most significant bit of each
character (except for the break character) is reserved for address detection. As soon as the
receivers receive an address character (most significant bit = ‘1’), the receivers are woken
up. The receivers which are not addressed set the RWU bit to enter in mute mode.
Consequently, they do not treat the next characters constituting the next part of the
message.
Parity control
Hardware byte parity control (generation of parity bit in transmission and parity checking in
reception) can be enabled by setting the PCE bit in the SCICR1 register. Depending on the
character format defined by the M bit, the possible SCI character formats are as listed in
Table 59.
Note:
In case of wake-up by an address mark, the MSB bit of the data is taken into account and
not the parity bit
Table 59.
Character formats
M bit
PCE bit
Character format
0
0| SB(1) | 8 bit data | STB(2) |
1.
SB = start bit
2.
STB = stop bit
1
| SB | 7-bit data | PB(3) | STB |
3.
PB = parity bit
1
0
| SB | 9-bit data | STB |
1
| SB | 8-bit data | PB | STB |
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com