Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 183 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 183 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 179Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 180Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 181Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 182Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 183Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 184Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 185Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 186Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
183/371
10.6.2
Main features
●
2 on-chip analog comparators: one for BEMF zero-crossing detection, the other for
current regulation or limitation
●
7 selectable reference voltages for the hysteresis comparator (0.2V, 0.6V, 1V, 1.5V, 2V,
2.5V, 3.5V) and the possibility to select an external reference pin (MCVREF).
●
8-bit timer (MTIM) with three compare registers and two capture features, which may
be used as the delay manager of a speed measurement unit
●
Measurement window generator for BEMF zero-crossing detection
●
Filter option for the zero-crossing detection
●
Auto-calibrated prescaler with 16 division steps
●
8x8-bit multiplier
●
Phase input multiplexer
●
Sophisticated output management:
–
The six output channels can be split into two groups (high and low).
–
The PWM signal can be multiplexed on high, low or both groups, alternatively or
simultaneously, for six-step motor drives.
–
12-bit PWM generator with full modulation capability (0 and 100% duty cycle),
edge or center-aligned patterns
–
Dedicated interrupt for PWM duty cycles updating and associated PWM repetition
counter
–
Programmable deadtime insertion unit
–
Programmable high frequency chopper insertion and high current PWM outputs
for direct optocoupler drives
–
The output polarity is programmable channel by channel.
–
A programmable bit (active low) forces the outputs in HiZ, low or high state,
depending on option byte 1 (refer to Section 14: ST7MCxxx-Auto device
configuration and ordering information).
–
An ‘emergency stop’ input pin (active low) asynchronously forces the outputs in
HiZ, Low or High state, depending on option byte 1 (refer to Section 14:
ST7MCxxx-Auto device configuration and ordering information).
10.6.3
Application example: PM BLDC motor drive
This example shows a six-step command sequence for a 3-phase permanent magnet DC
brushless motor (PM BLDC motor). Figure 75 shows the phase steps and voltage, while
Table 82 shows the relevant phase configurations.
To run this kind of motor efficiently, an autoswitching mode has to be used, that is, the
position of the rotor must self-generate the powered winding commutation. The BEMF zero
crossing (Z event) on the non-excited winding is used by the MTC as a rotor position sensor.
The delay between this event and the commutation is computed by the MTC and the
hardware commutation event Cn is automatically generated after this delay.
After the commutation occurs, the MTC waits until the winding is completely demagnetized
by the free-wheeling diode: during this phase the winding is tied to 0V or to the HV high
voltage rail and no BEMF can be read. At the end of this phase a new BEMF zero-crossing
detection is enabled.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com