Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 189 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 189 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 185Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 186Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 187Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 188Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 189Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 190Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 191Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 192Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
189/371
10.6.6
Input detection block
This block can operate in position sensor mode, in sensorless mode or in speed sensor
mode. The mode is selected via the SR bit in the MCRA register and the TES[1:0] bits in
MPAR register (refer to Table 93 for set-up information). The block diagram is shown in
Figure 79 for the position sensor/sensorless modes (TES[1:0 = 00) and in Figure 89 for the
speed sensor mode (TES[1:0] = 01, 10, 11).
Input pins
The MCIA, MCIB and MCIC input pins can be used as analog or as digital pins.
●
In sensorless mode, the analog inputs are used to measure the BEMF zero crossing
and to detect the end of demagnetization if required.
●
In sensor mode, the analog inputs are used to get the hall sensor information.
●
In speed sensor mode (example, tachogenerator), the inputs are used as digital pins.
When using an AC tachogenerator, a small external circuit may be needed to convert
the incoming signal into a square wave signal which can be treated by the MTC.
Due to the presence of diodes, these pins can permanently support an input current of 5mA.
In sensorless mode, this feature enables the inputs to be connected to each motor phase
through a single resistor.
A multiplexer, programmed by the IS[1:0] bits in the MPHST register selects the input pins
and connects them to the control logic in either sensorless or tachogenerator mode. In
encoder mode, it is mandatory to connect sensor digital outputs to the MCIA and MCIB pins.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com