Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 199 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 199 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 195Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 196Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 197Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 198Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 199Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 200Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 201Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 202Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 203Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
199/371
1.
This is a zoom to the additional voltage induced by the rotor (back EMF)
Table 89.
Demagnetization (D) event generation (example for ZVD = 0)
HDM
bit
Meaning
CPB bit = 1
CPB bit = 0
0
Simulated mode
(SDM bit = 1 and HDM bit = 0)
D=DS = output compare [MDREG, MTIM registers]
1
Hardware/simulated mode
(SDM bit = 1 and HDM bit = 1)
D=DH + DS (hardware detection or output
compare true)
D=DH (hardware
detection only)
Z
CH
HV
0V
DS
Z
CH
HVV
0V
DS
(1)
(1)
motor parasite or first
Undershoot due to
sampling
Weak/null
undershoot and
BEMF positive
HV/2
HV/2
Σ
2
Σ
2
DS
Z
Σ
5
HVV
HV/2
0V
CH
(1)
Z
CH
HV
HV/2
0V
Z
CH
HV
0V
DS
(1)
(1)
DH
DS
motor parasite or first
Undershoot due to
sampling
Weak/null
undershoot and
BEMF positive
Σ
2
HV/2
Σ
2
DH
Z
Σ
5
HV
HV/2
0V
CH
(1)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com