Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 217 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 217 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 213Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 214Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 215Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 216Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 217Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 218Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 219Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 220Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 221Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
217/371
Autoswitched mode
In this mode, using the hardware commutation event CH (SC bit reset in MCRC register), the
MCOMP register content is automatically computed in real time as described below and in
Figure 94.
The C (either CS or CH) event has no effect on the contents of the MTIM timer.
When a ZH event occurs the MTIM timer value is captured in the MZREG register, the
previous captured value is shifted into the MZPRV register and the MTIM timer is reset. See
Figure 74.
When a ZS event occurs, the value written in the MZREG register is shifted into the MZPRV
register and the MTIM timer is reset.
One of these two registers, (when the SC bit = 0 in the MCRC register and depending on the
DCB bit in the MCRA register), is multiplied with the contents of the MWGHT register and
divided by 256. The result is loaded in the MCOMP compare register, which automatically
triggers the next hardware commutation (CH event).
Note:
The result of the 8*8 bit multiplication, once written in the MCOMP register is compared with
the current MTIM value to check that the MCOMP value is not already less than the MTIM
value due to the multiplication time. If MCOMP <= MTIM, a CH event is generated
immediately and the MCOMP value is overwritten by the MTIM value.
After each shift operation the multiply is recomputed for greater precision.
Using either the MZREG or MZPRV register depends on the motor symmetry and type.
The MWGHT register gives directly the phase shift between the motor driven voltage and
the BEMF. This parameter generally depends on the motor and on the speed.
Setting the SC bit in the MCRC register enables the simulated commutation event (CS)
generation. This means that a write access is possible to the MCOMP register and the
MTIM value is compared directly with the value written by software in the MCOMP register
to generate the CS event. The comparison is enabled as soon as a write access is done to
the MCOMP register. This means that if the SC bit is set and no write access is done to the
MCOMP register, the C event never occurs because no comparison is made between
MCOMP and MTIM. Therefore, it is recommended in autoswitched mode, when using
software commutation feature (SC bit is set) and for a normal event sequence, the
corresponding value to be put in MCOMP has to be written during the Z interrupt routine
(because MTIM has just been reset), so that there is no spurious comparison. If the SC bit is
set during a Z event interrupt, then, the result of the 8*8 bits hardware multiplication can be
overwritten by software in the MCOMP register. When simulated commutation mode is
enabled, the event sequence is no longer respected, meaning that the peripheral accepts
consecutive commutation events and does not necessarily wait for a D event after a Cs
event. In this case the MCOMP register can be written immediately after the previous C
event, in the C interrupt service routine for example.
Table 97.
Multiplier result
DCB bit
Commutation delay
0
MCOMP = MWGHT x MZPRV/256
1
MCOMP = MWGHT x MZREG/256
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com