Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 228 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 228 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 224Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 225Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 226Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 227Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 228Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 229Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 230Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 231Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 232Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
228/371
Hall sensors (or equivalent sensors providing position information) are widely used for motor
control. There are two cases to be considered:
●
BLDC motor or six-step synchronous motor drive; ‘sensor mode’ is recommended in
this case, as most tasks are performed by hardware in the delay manager.
●
BLAC, asynchronous or motors supplied with 3-phase sinewave-modulated PWM
signals in general. In this case ‘speed sensor mode’ allows high accuracy speed
measurement (the sensor mode of the delay manager being unsuitable for sinewave
generation). Position information is handled by software to lock the statoric field to the
rotoric one for driving synchronous motors.
Hall sensors are usually arranged in a 120° configuration. In that case they provide 3 ppr
with both rising and falling edge triggering; the tachogenerator measurement method can
therefore be applied. The main difference lies in the fact that one must use the position
information they provide. This can be done using the three MCIx pins and the analog
multiplexer to know which of the three sensors toggled; an interrupt is generated just after
the expected transition (refer to Figure 102).
As described in Figure 103, the MTIM timer is re-configured depending on the selected
sensor. This means that most of delay manager registers are used for a different purpose,
with modified functionalities.
For greater precision, the MTIM up-counter is extended to 16 bits using MTIM and an
additional MTIML register. On a capture event, the current counter value is captured and the
counter [MTIM:MTIML] is cleared. The counting direction is not affected by the EDIR bit
when using an encoder sensor.
A 16-bit capture register is used to store the captured value of the extended MTIM counter:
the speed result is either a period in clock cycles or a number of encoder pulses. This 16-bit
register is mapped in the MZREG and MZPRV register addresses. To ensure that the read
value is not corrupted between the high and low byte accesses, a read access to the MSB of
this register (MZREG) locks the LSB (that is, MZPRV content is locked) until it is read and
any other capture event in between these two accesses is discarded.
A compare unit allows a maximum value to be entered for the tacho periods. If the 16-bit
counter [MTIM:MTIML] exceeds this value, a speed error interrupt is generated. This may be
used to warn the user that the tachogenerator signal is lost (wires disconnected, motor
stalled,...). As 8-bit accuracy is sufficient for this purpose, only the MSByte of the counter
(that is, MTIM) is compared to 8-bit compare register, mapped in the MDREG register
location. The LSByte is nevertheless compared with a fixed FFh value. Available values for
comparison are therefore FFFFh, FEFFh, FDFFh, ..., 01FFh, 00FFh.
Note:
This functionality is not useful when using an encoder. With an encoder, user must monitor
the captured values by software during the periodic capture interrupts: for instance, when
driving an AC motor, if the values are too low compared to the stator frequency, a software
interrupt may be triggered.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com