Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 240 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 240 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 236Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 237Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 238Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 239Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 240Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 241Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 242Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 243Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 244Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
240/371
Figure 108. Sampling clock generation block(1)
1.
The MTC controller input frequency (fPERIPH) is 4 MHz in this example, It can be configured to 8 MHz with
the XT16: XT8 bits in the MCONF register
10.6.9
Channel manager
The channel manager consists of:
●
A phase state register with preload and polarity function
●
A multiplexer to direct the PWM to the low and/or high channel group
●
A tristate buffer asynchronously driven by an emergency input
The block diagram is shown in Figure 109.
Frequency logic
fPERIPH
OFF-time logic
4
SA[3:0] bits
2
OT[3:0] bits
TOFF (measurement window)
Tsampling
MPWME register
Sampling
clock
Frequency
OFF time
The BEMF is sampled at the end of OFF time
in sensorless mode
0
MPRSR register
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com