Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 269 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 269 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 265Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 266Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 267Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 268Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 269Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 270Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 271Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 272Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 273Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
269/371
Note:
For more details, see Step behavior diagrams (Figure 110 and Figure 111).
Table 132.
Over current handling
CLIM bit
CLI bit
OCV bit
Output effect
Interrupt
0
0
x
Normal running mode
No
0
1
x
PWM is put off as current loop effect
No
1
0
x
Normal running mode
No
1
1
0
PWM is put off as current loop effect
Yes
1
1
1
All MCOx outputs are put in reset state (MOE reset)(1)
1.
This feature is also available when using the three PWM outputs (PCN bit = 1 in the MDTG register),
providing that the VOC1bit = 0 (MCRA register). See Over current handling in voltage mode on page 234.
Yes
Table 133.
Step behavior/sensorless mode
OS2 bit
PWM after C and
before D
OS1 bit
PWM after D and
before Z
OS0
PWM after Z and
before next C
0
On high channels
0
On high channels
0
On high channels
1
On low channels
1
On low channels
0
On high channels
1
On low channels
1
On low channels
0
On high channels
0
On high channels
1
On low channels
1
On low channels
0
On high channels
1
On low channels
Table 134.
PWM mode when SR = 1
OS2 bit
PWM after C and
before Z
OS1 bit
Unused
OS0
PWM after Z and before
next C
0
On high channels
x
x
0
On high channels
1
On low channels
1
On low channels
x
x
0
On high channels
1
On low channels
Table 135.
PWM mode when DAC = 1
OS2 bit
Unused
OS1 bit
Unused
OS0
PWM on outputs
xx
x
x
0
On high channels
1
On low channels
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com