Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 344 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 344 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 340Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 341Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 342Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 343Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 344Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 345Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 346Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 347Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 348Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
344/371
12.12.3
Input stage (current feedback comparator and sampling)
Table 218.
Input stage (current feedback comparator and sampling)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Comparator input voltage
range
VSSA - 0.1
VDD + 0.1
V
Voffset
Comparator offset error
5
40(1)
mV
Ioffset
Input offset current
1
µA
tpropag
Comparator propagation
delay(1)
35
100
ns
tstartup
Start-up filter duration(2)
Time waited before sampling
when comparator is turned
ON, that is, CKE
= 1 or
DAC
= 1 (with
fPERIPH =4MHz)
3µs
tsampling
Digital sampling delay(3)
Time needed to turn OFF the
MCOs when comparator
output rises (CFF = 0)
4/fMTC (see Figure 156)
Time between a comparator
toggle (current loop event)
and bit CL becoming set
(CFF = 0)
2/fMTC (see Figure 156)
Time needed to turn OFF the
MCOs when comparator
output rises (CFF = x)
(1 + x) * (4/fPERIPH) + (3/fmtc)
(see Figure 157)
Time between a comparator
toggle (current loop event)
and bit CL becoming set
(CFF = x)
(1 + x) * (4/fPERIPH) + (1/fmtc)
(see Figure 157)
1.
The comparator accuracy depends on the environment. In particular, the following cases may reduce the accuracy of the
comparator and must be avoided:
Negative injection current on the I/Os close to the comparator inputs
Switching on I/Os close to the comparator inputs
Negative injection current on not used comparator input (MCCFI0 or MCCFI1)
Switching with a high dV/dt on not used comparator input (MCCFI0 or MCCFI1)
These phenomena are even more critical when a big external serial resistor is added on the inputs.
2.
This filter is implemented to wait for comparator stabilization and avoid any wrong information during start-up.
3.
This delay represents the number of clock cycles needed to generate an event as soon as the comparator output changes.
Example: When CFF = 0 (detection is based on a single detection), MCO outputs are turned OFF at the 4th clock cycle
after comparator commutation, that is, there is a variation of (1 / fmtc) or (4/fPERIPH) depending on the case.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com