Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 357 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 357 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 353Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 354Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 355Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 356Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 357Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 358Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 359Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 360Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 361Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
ST7MCxxx-Auto device
357/371
OPT4:3
VD[1:0]
Voltage detection
These option bits enable the voltage detection block (LVD, and AVD):
00: Selected low voltage detector = LVD and AVD on
01: Selected low voltage detector = LVD on and AVD off
10: Selected low voltage detector = LVD and AVD off
11: Selected low voltage detector = LVD and AVD off
OPT2
RSTC
Reset clock cycle selection
This option bit selects the number of CPU cycles applied during the reset phase and
when exiting Halt mode. For resonator oscillators, it is advised to select 4096 due to the
long crystal stabilization time.
0: Reset phase with 4096 CPU cycles
1: Reset phase with 256 CPU cycles
Note: When the PLL clock is selected (CKSEL = 0), the reset clock cycle selection is
forced to 4096 CPU cycles.
OPT1
DIV2
Divider by 2
1: DIV2 divider disabled with OSC1 (or OSCIN) = 8 MHz
0: DIV2 divider enabled (in order to have 8 MHz required for the PLL with OSC1 (or
OSCIN) = 16 MHz))
OPT0
FMP_R
Flash memory read-out protection
Readout protection, when selected provides a protection against program memory
content extraction and against write access to Flash memory. This protection is based
on a read/write protection of the memory in test modes and ICP mode. Erasing the
option bytes when the FMP_R option is selected causes the whole user memory to be
erased first and the device can be reprogrammed. Refer to the ST7 Flash
Programming Reference Manual and Section 4.3.1: Read-out protection on page 34
for more details.
0: Read-out protection enabled
1: Read-out protection disabled
1. Even if PLL clock is selected, a clock signal must always be present (refer to Figure 9: Clock, reset and supply
block diagram on page 43).
Table 228.
Option byte 1
Bit
Name
Function
OPT7:5
PKG[2:0]
Package selection
These option bits are used to select the device package:
000: Selected package = LQFP32
001: Selected package = LQFP44
011: Reserved
1xx: Reserved
OPT4:2
-
Reserved
OPT1:0
MCO
Motor control output options
MCO port under reset:
00: Motor control output = HiZ
01: Motor control output = Low
10: Motor control output = High
11: Motor control output = HiZ
Table 227.
Option byte 0 (continued)
Bit
Name
Function
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com