Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 49Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 50Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 51Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 52Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 53Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 54Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 55Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 56Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
Supply, reset and clock
53/371
6.5.6
System integrity control/status register (SICSR, page 1)
SICSR, page 1
Reset value: 0000 0000 (00h)
7
654
32
10
PAGE
Reserved
VCOEN
LOCK
PLLEN
Reserved
CKSEL
Reserved
R/W
-
R/W
RO
R/W
-
R/W
-
Table 10.
SICSR (page 1) register description
Bit
Name
Function
7PAGE
SICSR register page selection
This bit selects the SICSR register page. It is set and cleared by software.
0: Access to SICSR register mapped in page 0
1: Access to SICSR register mapped in page 1
6
-
Reserved, must be kept cleared
5VCOEN
VCO enable
This bit is set and cleared by software.
0: VCO (voltage controlled oscillator) connected to the output of the PLL charge
pump (default mode), to obtain a 16 MHz output frequency (with an 8 MHz input
frequency)
1: VCO tied to ground in order to obtain a 10 MHz frequency (fvco)
Note: During ICC session, this bit is set to 1 in order to have an internal frequency
which does not depend on the input clock. Then, it can be reset in order to run faster
with an external oscillator.
4LOCK
PLL locked
This bit is read only. It is set by hardware. It is set automatically when the PLL
reaches its operating frequency.
0: PLL not locked
1: PLL locked
3PLLEN
PLL enable
This bit enables the PLL and the clock detector. It is set and cleared by software.
0: PLL and clock detector (CKD) disabled
1: PLL and clock detector (CKD) enabled
Notes:
- During ICC session, this bit is set to 1.
- PLL cannot be disabled if the PLL clock source is selected (CKSEL = 1).
2
-
Reserved, must be kept cleared.
1
CKSEL
Clock source selection
This bit selects the clock source: oscillator clock or clock from the PLL. It is set and
cleared by software. It can also be set by option byte (PLL opt).
0: Oscillator clock selected
1: PLL clock selected
Notes:
- During ICC session, this bit is set to 1. Then, CKSEL can be reset in order to run
with fOSC.
- Clock from the PLL cannot be selected if the PLL is disabled (PLLEN = 0).
- f the clock source is selected by PLL option bit, CKSEL bit selection has no effect.
0
-
Reserved, must be kept cleared
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com