Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 99 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 99 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 95Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 96Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 97Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 98Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 99Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 100Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 101Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 102Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
99/371
Table 38.
ARTCSR register description
Bit
Name
Function
7
EXCL
External clock
This bit is set and cleared by software. It selects the input clock for the 7-bit
prescaler.
0: CPU clock
1: External clock
6:4 CC[2:0]
Counter clock control
These bits are set and cleared by software. They determine the prescaler division
ratio from fINPUT:
000: Prescaler division ratio from fINPUT =fINPUT (fCOUNTER)
and 8 MHz (with fINPUT =8 MHz)
001: Prescaler division ratio from fINPUT =fINPUT/2 (fCOUNTER)
and 4 MHz (with fINPUT =8 MHz)
010: Prescaler division ratio from fINPUT =fINPUT/4 (fCOUNTER)
and 2 MHz (with fINPUT =8 MHz)
011: Prescaler division ratio from fINPUT =fINPUT/8 (fCOUNTER)
and 1 MHz (with fINPUT =8 MHz)
100: Prescaler division ratio from fINPUT =fINPUT/16 (fCOUNTER)
and 500 kHz (with fINPUT =8 MHz)
101: Prescaler division ratio from fINPUT =fINPUT/32 (fCOUNTER)
and 250 kHz (with fINPUT =8 MHz)
110: Prescaler division ratio from fINPUT =fINPUT/64 (fCOUNTER)
and 125 kHz (with fINPUT =8 MHz)
111: Prescaler division ratio from fINPUT =fINPUT/128 (fCOUNTER)
and 62.5 kHz (with fINPUT =8 MHz)
3TCE
Timer counter enable
This bit is set and cleared by software. It puts the timer in the lowest power
consumption mode.
0: Counter stopped (prescaler and counter frozen)
1: Counter running
2
FCRL
Force counter reload
This bit is write-only and any attempt to read it yields a logical zero. When set, it
causes the contents of ARTARR register to be loaded into the counter, and the
content of the prescaler register to be cleared in order to initialize the timer before
starting to count.
1OIE
Overflow interrupt enable
This bit is set and cleared by software. It allows to enable/disable the interrupt which
is generated when the OVF bit (bit 0) is set.
0: Overflow interrupt disable
1: Overflow interrupt enable
0OVF
Overflow flag
This bit is set by hardware and cleared by software reading the ARTCSR register. It
indicates the transition of the counter from FFh to the ARTARR value.
0: New transition not yet reached
1: Transition reached
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com