Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 96Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 97Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 98Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 99Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 100Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 101Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 102Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 103Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
100/371
ART counter access register (ARTCAR)
Auto-reload register (ARTARR)
PWM control register (PWMCR)
ARTCAR
Reset value: 0000 0000 (00h)
7
654
32
10
CA[7:0]
R/W
Table 39.
ARTCAR register description
Bit
Name
Function
7:0 CA[7:0]
Counter access data
These bits can be set and cleared either by hardware or by software. The ARTCAR
register is used to read or write the auto-reload counter ‘on the fly’ (while it is
counting).
ARTARR
Reset value: 0000 0000 (00h)
7
654
32
10
AR[7:0]
R/W
Table 40.
ARTARR register description
Bit
Name
Function
7:0 AR[7:0]
Counter auto-reload data
These bits are set and cleared by software. They are used to hold the auto-reload
value which is automatically loaded in the counter when an overflow occurs. At the
same time, the PWM output levels are changed according to the corresponding OPx
bit in the PWMCR register.
This register has two PWM management functions:
Adjusting the PWM frequency
Setting the PWM duty cycle resolution
See below for PWM frequency versus resolution:
fPWM min/max (~0.244 kHz/31.25 kHz) = resolution (8-bit): ARTARR value 0
fPWM min/max (~0.244 kHz/62.5 kHz) = resolution (> 7-bit): ARTARR value 0..127
fPWM min/max (~0.488 kHz/125 kHz) = resolution (> 6-bit): ARTARR value 128..191
fPWM min/max (~0.977 kHz/250 kHz) = resolution (> 5-bit): ARTARR value 192..223
fPWM min/max (~1.953 kHz/500 kHz) = resolution (> 4-bit): ARTARR value 224..239
PWMCR
Reset value: 0000 0000 (00h)
7
654
32
10
OE[3:0]
OP[3:0]
R/W
R/W
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com