Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 47Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 48Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 49Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 50Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 51Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 52Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 53Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 54Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
Supply, reset and clock
51/371
6.5.4
Low power modes
Interrupts
The CSS or AVD interrupt events generate an interrupt if the corresponding enable control
bit (CSSIE or AVDIE) is set and the interrupt mask in the CC register is reset (RIM
instruction).
6.5.5
System integrity control/status register (SICSR, page 0)
Table 7.
Effect of low power modes on SI
Mode
Description
Wait
No effect on SI. CSS and AVD interrupts cause the device to exit from Wait mode.
Halt
The CRSR register is frozen.
The CSS (including the safe oscillator) is disabled until Halt mode is exited. The previous
CSS configuration resumes when the MCU is woken up by an interrupt with ‘exit from Halt
mode’ capability or from the counter reset value when the MCU is woken up by a RESET.
The AVD remains active, and an AVD interrupt can be used to exit from Halt mode.
Table 8.
SI interrupt control/wake-up capability
Interrupt event
Event flag
Enable control
bit
Exit from
WAIT
Exit from
HALT
CSS event detection
(safe oscillator activated as main clock)
CSSD
CSSIE
Yes
No(1)
1.
This interrupt allows to exit from Active Halt mode.
AVD event
AVDF
AVDIE
Yes
Yes
SICSR, page 0
Reset value: 000x 000x (00h)
7
654
32
10
PAGE
AVDIE
AVDF
LVDRF
Reserved
CSSIE
CSSD
WDGRF
R/W
R/W
R/W
R/W
-
R/W
R/W
R/W
Table 9.
SICSR (page 0) register description
Bit
Name
Function
7PAGE
SICSR register page selection
This bit selects the SICSR register page. It is set and cleared by software;
0: Access to SICSR register mapped in page 0
1: Access to SICSR register mapped in page 1
6AVDIE
Voltage detector interrupt enable
This bit is set and cleared by software. It enables an interrupt to be generated when
the AVDF flag changes (toggles). The pending interrupt information is automatically
cleared when software enters the AVD interrupt routine.
0: AVD interrupt disabled
1: AVD interrupt enabled
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com